Part Number Hot Search : 
P1000 24C16 5KP11 5962F9 XXXXXXX6 2C100 SI106 R1200
Product Description
Full Text Search
 

To Download 2N2222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. 2N2222A
Type 2N2222A
Geometry 0400 Polarity NPN Qual Level: JAN - JANS
Features: * * * * * * General-purpose transistor for switching and amplifier applicatons. Housed in TO-18 case. Also available in chip form using the 0400 chip geometry. The Min and Max limits shown are per MIL-PRF-19500/255 which Semicoa meets in all cases. The Typ values are actual batch averages for Semicoa. Radiation Graphs available.
Generic Part Number: 2N2222A
REF: MIL-PRF-19500/255
TO-18
Maximum Ratings
TC = 25oC unless otherwise specified
Rating
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current, Continuous Operating Junction Temperature Storage Temperature
Symbol
VCEO VCBO VEBO IC TJ TSTG
Rating
50 75 6.0 800 -65 to +200 -65 to +200
Unit
V V V mA
o
C C
o
Data Sheet No. 2N2222A
Electrical Characteristics
TC = 25oC unless otherwise specified
OFF Characteristics
Collector-Base Breakdown Voltage IC = 10 A Collector-Emitter Breakdown Voltage IC = 10 mA Emitter-Base Breakdown Voltage IE = 10 A Collector-Emitter Cutoff Current VCE = 50 V Collector-Base Cutoff Current VCB = 60 V Emitter-Base Cutoff Current VEB = 4 V
Symbol
V(BR)CBO V(BR)CEO V(BR)EBO ICES ICBO1 IEBO
Min
75 50 6.0 -------
Typ
120 65 7.0 3.0 2.0 0.5
Max
------50 10 10
Unit
V V V nA nA nA
ON Characteristics
DC Current Gain IC = 100 A, VCE = 10 V IC = 1.0 mA, VCE = 10 V IC = 10 mA, VCE = 10 V IC = 150 mA, VCE = 10 V (pulse test) IC = 500 mA, VCE = 10 V (pulse test) Collector-Emitter Saturation Voltage IC = 150 mA, IB = 15 mA (pulse test) IC = 500 mA, IB = 50 mA (pulse test) Base-Emitter Saturation Voltage IC = 150 mA, IB = 15 mA (pulse test) IC = 500 mA, IB = 50 mA (pulse test)
Symbol
hFE1 hFE2 hFE3 hFE4 hFE5 VCE(sat)1 VCE(sat)2 VBE(sat)1 VBE(sat)2
Min
50 75 100 100 30 ----0.6 ---
Typ
180 200 200 200 75 0.1 0.3 0.85 1.0
Max
--325 --300 --0.3 1.0 1.2 2.0
Unit
----------V dc V dc V dc V dc
Small Signal Characteristics
Short Circuit Forward Current Transfer Ratio IC = 1 mA, VCE = 10 V, f = 1kHz Open Circuit Output Capacitance VCB = 10 V, IE = 0 V, 100 kHz < f < 1 MHz Input Capacitance, Output Open Circuited VEB = 0.5 V, IC = 0, 100 kHz < f < 1 MHz
Symbol
AC hFE COBO CIBO
Min
50 -----
Typ
240 4.5 17.5
Max
--8 25
Unit
--pF pF
Switching Characteristics
Saturated Turn On Switching Time to 90% 16V, 50 ohm input pulse Saturated Turn Off Switching Time to 10% 16V, 50 ohm input pulse
Symbol
tON tOFF
Min
-----
Typ
14 175
Max
35 300
Unit
ns ns


▲Up To Search▲   

 
Price & Availability of 2N2222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X